| Electronic Components Datasheet Search |
|
DRV8701PRGET Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8701PRGET Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 40 page ![]() QG gate charge (nC) QGS QGD 10 8 6 4 2 25 50 40 30 20 10 20 15 10 5 Remaining QG VGHS VM GHx SHx Pre-Drive CGS CGD G S D High-side VGS Low-side VGS High-side gate drive current Low-side gate drive current tDRIVE tDRIVE IHOLD IHOLD IHOLD IHOLD IHOLD IHOLD DRV8701 www.ti.com SLVSCX5B – MARCH 2015 – REVISED JULY 2015 When changing the state of the output, the peak current (IDRIVE) is applied for a short drive period (tDRIVE) to charge the gate capacitance. After this time, a weaker current source (IHOLD) is used to keep the gate at the desired state. When selecting the gate drive strength for a given external FET, the selected current must be high enough to fully charge and discharge the gate during tDRIVE, or excessive power will be dissipated in the FET. During high-side turn-on, the low-side gate is pulled low with a strong pull-down (ISTRONG). This prevents the low- side FET QGS from charging and keeps the FET off, even when there is fast switching at the outputs. The pre-driver circuits include enforcement of a dead time in analog circuitry, which prevents the high-side and low-side FETs from conducting at the same time. When switching FETs on, this handshaking prevents the high- or low-side FET from turning on until the opposite FET has been turned off. Figure 25. Gate Driver Output to Control External FETs QGD Miller charge When a FET gate is turned on, three different capacitances must be charged. • QGS – Gate-to-source charge • QGD – Gate-to-drain charge (miller charge) • Remaining QG The FET output is slewing primarily during the QGD charge. Figure 26. Example FET Gate Charging Profile Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Links: DRV8701 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |