Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET Datasheet(PDF) 16 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 12Page - Texas Instruments DRV8701PRGET Datasheet HTML 13Page - Texas Instruments DRV8701PRGET Datasheet HTML 14Page - Texas Instruments DRV8701PRGET Datasheet HTML 15Page - Texas Instruments DRV8701PRGET Datasheet HTML 16Page - Texas Instruments DRV8701PRGET Datasheet HTML 17Page - Texas Instruments DRV8701PRGET Datasheet HTML 18Page - Texas Instruments DRV8701PRGET Datasheet HTML 19Page - Texas Instruments DRV8701PRGET Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
9_9
BLANK
ICHOP
tOFF
9_9
BLANK
tOFF
VREF
Drive
Brake / Slow Decay
Drive
Brake / Slow Decay
REF
OFF
CHOP
V
SENSE
9
± 9
I
A
R

K
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7.3.3 Current Regulation
The maximum current through the motor winding is regulated by a fixed off-time PWM current regulation, or
current chopping. When an H-bridge is enabled in forward or reverse drive, current rises through the winding at a
rate dependent on the DC voltage and inductance of the winding. After the current hits the current chopping
threshold, the bridge enters a brake (low-side slow decay) mode until tOFF has expired.
Note that immediately after the current is enabled, the voltage on the SP pin is ignored for a period of time
(tBLANK) before enabling the current sense circuitry.
The PWM chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the SP pin, multiplied by a factor of AV, with a reference voltage from the VREF pin. The factor AV
is the shunt amplifier gain, which is 20 V/V in the DRV8701.
The chopping current is calculated as follows:
(1)
Example: If a 50 m
Ω sense resistor is used and VREF = 3.3 V, the full-scale chopping current will be 3.25 A. AV
is 20 V/V and VOFF is assumed to be 50 mV in this example.
For DC motors, current regulation is generally used to limit the start-up and stall current of the motor. If the
current regulation feature is not needed, it can be disabled by tying VREF directly to AVDD and tying SP and SN
to GND.
Figure 21. Sense Amplifier and Current Chopping Operation
During brake mode (slow decay), current is recirculated through the low-side FETs. Because current is not
flowing through the sense resistor, SO does not represent the motor current.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com