Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 8Page - Texas Instruments DRV8701PRGET Datasheet HTML 9Page - Texas Instruments DRV8701PRGET Datasheet HTML 10Page - Texas Instruments DRV8701PRGET Datasheet HTML 11Page - Texas Instruments DRV8701PRGET Datasheet HTML 12Page - Texas Instruments DRV8701PRGET Datasheet HTML 13Page - Texas Instruments DRV8701PRGET Datasheet HTML 14Page - Texas Instruments DRV8701PRGET Datasheet HTML 15Page - Texas Instruments DRV8701PRGET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8701 is an H-bridge gate driver (also called a pre-driver or controller). The device integrates FET gate
drivers in order to control four external NMOS FETs. The device can be powered with a supply voltage between
5.9 and 45 V.
A simple PH/EN (DRV8701E) or PWM (DRV8701P) interface allows interfacing to the controller circuit.
A low-power sleep mode is included, which can be enabled using the nSLEEP pin.
The gate drive strength can be adjusted to optimize a system for a given FET without adding external resistors in
series with the FET gates. The IDRIVE pin allows for selection of the peak current driven into the external FET
gate. Both the high-side and low-side FETs are driven with a VGS of 9.5 V nominally when VM > 12 V. At lower
VM voltages, the VGS is reduced. The high-side gate drive voltage is generated using a doubler-architecture
charge pump that regulates to VM + 9.5 V.
This device greatly reduces the component count of discrete motor driver systems by integrating the necessary
FET drive circuitry into a single device. In addition, the DRV8701 adds protection features above traditional
discrete implementations: UVLO, OCP, pre-driver faults, and thermal shutdown.
A start-up (inrush) or running current limitation is built in using a fixed time-off current chopping scheme. The
chopping current level is set by choosing the sense resistor value and by setting a voltage on the VREF pin.
A shunt amplifier output is provided for accurate current measurements by the system controller. The SO pin
outputs a voltage that is 20 times the voltage seen across the sense resistor.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com