Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 1 Page - Texas Instruments

  DRV8701PRGET Datasheet HTML 1Page - Texas Instruments DRV8701PRGET Datasheet HTML 2Page - Texas Instruments DRV8701PRGET Datasheet HTML 3Page - Texas Instruments DRV8701PRGET Datasheet HTML 4Page - Texas Instruments DRV8701PRGET Datasheet HTML 5Page - Texas Instruments DRV8701PRGET Datasheet HTML 6Page - Texas Instruments DRV8701PRGET Datasheet HTML 7Page - Texas Instruments DRV8701PRGET Datasheet HTML 8Page - Texas Instruments DRV8701PRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
5.9V to 45 V
DRV8701
H-Bridge Gate
Driver
VREF
PH/EN or PWM
Controller
Gate
drive
sense
sense output
nSLEEP
Shunt Amp
Protection
FETs
nFAULT
M
LDO
3.3 & 4.8 V
30 mA
High-side
VGS
Low-side
VGS
High-side
gate drive
current
Low-side
gate drive
current
tDRIVE
tDRIVE
IHOLD
IHOLD
IHOLD
IHOLD
IHOLD
IHOLD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
DRV8701 Brushed DC Motor Full-Bridge Gate Driver
1 Features
2 Applications
1
•
Single H-Bridge Gate Driver
•
Industrial Brushed-DC Motors
•
Robotics
–
Drives Four External N-Channel MOSFETs
•
Home Automation
–
Supports 100% PWM Duty Cycle
•
Industrial Pumps and Valves
•
5.9-V to 45-V Operating Supply Voltage Range
•
Power Tools
•
Two Control Interface Options
•
Handheld Vacuum Cleaners
–
PH/EN (DRV8701E)
–
PWM (DRV8701P)
3 Description
•
Adjustable Gate Drive (5 Levels)
The DRV8701 is a single H-bridge gate driver that
–
6-mA to 150-mA Source Current
uses four external N-channel MOSFETs targeted to
–
12.5-mA to 300-mA Sink Current
drive a 12-V to 24-V bidirectional brushed DC motor.
•
Supports 1.8-V, 3.3-V, and 5-V Logic Inputs
A
PH/EN
(DRV8701E)
or
PWM
(DRV8701P)
•
Current Shunt Amplifier (20 V/V)
interface
allows
simple
interfacing
to
controller
circuits.
An
internal
sense
amplifier
allows
for
•
Integrated PWM Current Regulation
adjustable current control. The gate driver includes
–
Limits Motor Inrush Current
circuitry to regulate the winding current using fixed
•
Low-Power Sleep Mode (9
μA)
off-time PWM current chopping.
•
Two LDO Voltage Regulators to Power External
DRV8701 drives both high- and low-side FETs with
Components
9.5-V VGS gate drive. The gate drive current for all
–
AVDD: 4.8 V, up to 30-mA Output Load
external FETs is configurable with a single external
resistor on the IDRIVE pin.
–
DVDD: 3.3 V, up to 30-mA Output Load
A low-power sleep mode is provided which shuts
•
Small Package and Footprint
down internal circuitry to achieve very-low quiescent
–
24-Pin VQFN (PowerPAD™)
current draw. This sleep mode can be set by taking
–
4.0 × 4.0 × 0.9 mm
the nSLEEP pin low.
•
Protection Features:
Internal
protection
functions
are
provided:
–
VM Undervoltage Lockout (UVLO)
undervoltage
lockout,
charge
pump
faults,
overcurrent
shutdown,
short-circuit
protection,
–
Charge Pump Undervoltage (CPUV)
predriver
faults,
and
overtemperature.
Fault
–
Overcurrent Protection (OCP)
conditions are indicated on the nFAULT pin.
–
Pre-Driver Fault (PDF)
–
Thermal Shutdown (TSD)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Fault Condition Output (nFAULT)
DRV8701
VQFN (24)
4.00 × 4.00 x 0.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
Gate-Drive Current
Simplified System Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8701PRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8701PRGET TI-DRV8701PRGET Datasheet
1Mb / 42P
DRV8701 Brushed DC Motor Full-Bridge Gate Driver
More results

Similar Description - DRV8701PRGET

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
Full-Bridge DC Motor Driver IC
logo
Allegro MicroSystems
SPF7302 ALLEGRO-SPF7302 Datasheet
359Kb / 16P
Full Bridge DC Motor Driver
logo
Toshiba Semiconductor
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
Full-Bridge DC Motor Driver IC
TB6569FG TOSHIBA-TB6569FG Datasheet
287Kb / 18P
Full-Bridge DC Motor Driver IC
logo
Texas Instruments
DRV8701 TI-DRV8701_15 Datasheet
1Mb / 42P
DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
logo
Toshiba Semiconductor
TB67H301FTG TOSHIBA-TB67H301FTG Datasheet
1Mb / 22P
Full-Bridge DC Motor Driver IC
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
Full-Bridge DC Motor Driver IC
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
Full Bridge DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com