Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 5Page - Texas Instruments DRV8701PRGET Datasheet HTML 6Page - Texas Instruments DRV8701PRGET Datasheet HTML 7Page - Texas Instruments DRV8701PRGET Datasheet HTML 8Page - Texas Instruments DRV8701PRGET Datasheet HTML 9Page - Texas Instruments DRV8701PRGET Datasheet HTML 10Page - Texas Instruments DRV8701PRGET Datasheet HTML 11Page - Texas Instruments DRV8701PRGET Datasheet HTML 12Page - Texas Instruments DRV8701PRGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Load Current (mA)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
3
4
5
6
7
8
9
10
11
12
D005
VM = 12 V
VM = 10 V
VM = 8 V
VM = 5.9 V
Load Current (mA)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
4.6
D006
T A = 125°C
T A = 85°C
T A = 25°C
T A ±ƒ&
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
2
4
6
8
10
12
14
16
18
20
D003
T A = 125°C
T A = 85°C
T A = 25°C
T A ±ƒ&
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
4
5
6
7
8
9
10
11
12
13
14
15
16
D004
VM = 24 V
VM = 12 V
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
6.5
D001
T A = 125°C
T A = 85°C
T A = 25°C
T A ±ƒ&
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
5.5
5.55
5.6
5.65
5.7
5.75
5.8
5.85
5.9
5.95
6
6.05
6.1
6.15
D002
VM = 24 V
VM = 12 V
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
6.6 Typical Characteristics
Figure 1. Supply Current over VM
Figure 2. Supply Current over Temperature
Figure 3. Sleep Current over VM
Figure 4. Sleep Current over Temperature
Figure 5. VCP over Load (TA = 25°C)
Figure 6. VCP over Load (VM = 5.9 V)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com