Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET Datasheet(PDF) 17 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 13Page - Texas Instruments DRV8701PRGET Datasheet HTML 14Page - Texas Instruments DRV8701PRGET Datasheet HTML 15Page - Texas Instruments DRV8701PRGET Datasheet HTML 16Page - Texas Instruments DRV8701PRGET Datasheet HTML 17Page - Texas Instruments DRV8701PRGET Datasheet HTML 18Page - Texas Instruments DRV8701PRGET Datasheet HTML 19Page - Texas Instruments DRV8701PRGET Datasheet HTML 20Page - Texas Instruments DRV8701PRGET Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
VOFF
Slope = Av
SP - SN (V)
AVDD
SP
RSENSE
Logic
SNSOUT
VCC
+
-
SO
VREF
I
+
-
AV/(AV-1) x R
AV x R
R
SN
OFF
V
SENSE
62 ± 9
I
A
R

K
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
7.3.4 Amplifier Output SO
The SO pin on the DRV8701 outputs an analog voltage equal to the voltage seen across the SP and SN pins
multiplied by AV. The factor AV is the shunt amplifier gain, which is 20 V/V in the DRV8701. SO is only valid
during forward or reverse drive. The H-bridge current is approximately equal to:
(2)
When SP and SN are 0 V, SO outputs the amplifier offset voltage VOFF. No capacitor is required on the SO pin.
Figure 22. Sense Amplifier Diagram
If the voltage across SP and SN exceeds 1 V, then the DRV8701 flags an overcurrent condition.
The SO pin can source up to 5 mA of current. If the pin is shorted to GND, or if a higher-current load is driven by
this pin, the output acts as a constant-current source. The output voltage is not representative of the H-bridge
current in this state.
This shunt amplifier feature can be disabled by tying the SP and SN pins to GND. When the amplifier is disabled,
current regulation is also disabled.
Figure 23. Sense Amplifier Output
7.3.4.1 SNSOUT
The SNSOUT pin of the DRV8701 indicates when the device is in current chopping mode. When the driver is in
a slow decay mode caused by internal PWM current chopping (ICHOP threshold hit), the open-drain SNSOUT
output is pulled low. If the current regulation is disabled, then the SNSOUT pin will be high-Z.
Note that if the H-bridge is put into a slow decay mode using the inputs (PH/EN or IN1/IN2), then SNSOUT is not
pulled low.
During forward or reverse drive mode, SNSOUT is high until the DRV8701 is internally forced into current
chopping. If the drive current rises above ICHOP, the driver enters a brake mode (low-side slow decay). The
SNSOUT pin will be pulled low during this current chopping brake mode. After the driver is re-enabled, the
SNSOUT pin is released high-Z and the drive mode is restarted.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com