Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 5 Page - STMicroelectronics

  L5951 Datasheet HTML 1Page - STMicroelectronics L5951 Datasheet HTML 2Page - STMicroelectronics L5951 Datasheet HTML 3Page - STMicroelectronics L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID7510 Rev 2
5/18
L5951
Functional description
18
2
Functional description
2.1
General features
The L5951 is an integrated circuit which provides a J1850 physical layer as well three
voltage regulators. The L5951 was developed to provide the power and Class 2/IDR
interface for a microcontroller.
2.2
REG1 output voltage
The REG1 regulator output is equal to 3.3V. The 3.3V regulator is non low drop out and can
handle currents up to 100mA with short circuit limit of 280mA.
2.3
REG2 output voltage
The REG2 regulator output is equal to 5V and can handle currents up to 100mA with short
circuit limit of 280mA. The output stage of the 5V regulator is low dropout.
2.4
REG3 output voltage
The REG3 regulator output is equal to 7.8 V and can handle currents up to 100mA with
short circuit limit of 280 mA. The output stage of the 7.8 V regulator is low dropout. REG3
regulator is controlled by the EN (enable) pin of the IC. REG3 can be turned on and off by
toggling the EN pin. A logic "1" on the EN pin enables REG3, while a logic "0" on the EN pin
disables REG3. The maximum voltage when REG3 is off must be less than 0.2 V.
Sleep(a) Input - The Class 2 transmitter can be turned on and turned off by the Sleep* pin.
Once the voltage level is above 2VDC, the transmitter is enabled. If the Sleep* pin drops
below 0.8 VDC, and EN is "0" the transceiver goes into a low power mode. In low power
mode, REG3 and the transceiver are disabled. The L5951 will still receive messages and
send them to the microcontroller out of the RX pin.
LVS input - Reg1 and Reg2 are supplied by Vbat pin. The device could then dissipate a lot
of power, causing thermal shutdown at high voltage. For this reason a secondary low
voltage supply (LVS) can be used to reduce power dissipation.
Reset(a) Output - The L5951 has low voltage or no voltage circuitry that is a warning to the
microcontroller. If REG2 drops 0.3 VDC below its normal operating voltage, the Reset(a) pin
will go to a logic "0". Between the voltage levels of 4.65 VDC (min) and 5.10 VDC (max) on
REG2, a reset will occur. There is a hysteresis of 50mV on the Reset(a) pin.
Low Input Voltage Operation - If battery voltage level drops below 7.0V, the outputs are to
remain alive and ready for the return of normal voltage battery levels. The L5951 will be able
to retrieve data off the BUS and send it to the microprocessor when the supply voltage is as
low as 4.9 V. The regulators should stay the same voltage as the battery voltage down to
7.0 V minus operating headroom for the 7.8 V regulator. BUS VOH,min are not guaranteed
over all conditions below VBAT = 9.0 V.
a. denotes active low
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com