Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 4 Page - STMicroelectronics

  L5951 Datasheet HTML 1Page - STMicroelectronics L5951 Datasheet HTML 2Page - STMicroelectronics L5951 Datasheet HTML 3Page - STMicroelectronics L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Block diagram and pins description
L5951
4/18
DocID7510 Rev 2
1.2
Pins description
Figure 2. Pins connection (top of view)
Table 2. Pins function
N.
Name
Function
1
REG1
Regulator #1
2Reset (1)
1. Denotes active low for sleep and reset.
Reset Output to
C
3
Rext
Waveshaping Resistor
4
GND_REG Regulator Ground
,6,7,8,1
7,18,19
,20
GND_TX
Transceiver Ground
9Sleep(1)
Transceiver Enable Input
0
EN
Enable for Regulator #3
11
4X
4XBus mode (41.6K Baud)
12
LOOP
Loopback Enable
13
RX
Serial Data Output to mC
14
TX
Serial Data Input from mC
15
Load
External Pull Down to Gnd
16
Bus
Bus Output to Vehicle
21
Bat
Battery Supply
22
REG3
Regulator #3
23
REG2
Regulator #2
24
LVS
Low Voltage Supply
REG1
RESET
REXT
GND_REG
GND_TX
GND_TX
GND_TX
GND_TX
SLEEP
BUS
GND_TX
GND_TX
GND_TX
GND_TX
BAT
REG3
REG2
LVS
1
3
2
4
5
6
7
8
9
22
21
20
19
18
16
17
15
23
10
24
EN
LOAD
D99AU992
4X
TX
11
14
13
12
LOOP
RX
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com