Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics L5951 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical specifications
L5951
10/18
DocID7510 Rev 2
7.8V/100mA regulator output 3
VREG3
Output voltage
IREG3 =100mA - 8.8V  VBAT 
range
7.60
7.8
8
V
DVline
Line regulation
8.8V
 VBAT  26V
(Measure
VREG3 across VBAT
range)
50
mV
DVload
Load regulation
5mA
 IREG3  100mA
(Measure
VREG3 across VLOAD
range)
50
mV
VDROPOUT
Dropout voltage
(Measure VBAT - VREG3 when
VREG3 drops 0.1V)
IREG3 = 100mA
IREG3 = 5mA
0.5
0.04
V
V
Ilim3
Current limit
200
mA
SVR3
Reg3 supply voltage rejection
IREG1 = IREG2 = IREG3 = 50mA
f = 20 to 20kHz
VBAT = 14Vdc, 1Vac,pp
45
dB
DC characteristics for class 2 transceiver (Standard loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA)
BUSih
BUSil
BUS guaranteed
Input voltages
Verify RX > 3 VDC
Verify RX < 3 VDC
4.25
3.7
3.50
V
V
BUSHyst BUS hysteresis
BUSItoh - BUShhtol
0.15
V
BUSov
BUS output voltage
TX = 5 VDC,
BUS = 257 to 1380
 to gnd
VBAT - 8.2 to 16 VDC
VBAT - 6.0 to 8.2 VDC
TX = 0V
7.2
5
V
V
IBUSshort BUS short circuit current
TX = 5VDC
BUS = -2 to 4.8VDC
170
mA
IBUSleak
BUS leakage current
BUS = -2 to 0 VDC
BUS = 0 to VBAT
0
0
mA
mA
LOADON Load output
ILOAD = 6mA
0.045
V
LOADDio Load output (unpowered)
VBAT = 0V, ILOAD = 6mA
0.7
V
IBUSloss
ILOADloss
BUS & LOAD current during loss
of assembly VBAT or GND
IVBAT = 0mA,
BUS = -18 to 9VDC
LOAD = -18 to 0 VDC
11
39
µA
µA
TXVIL
TXVIH
TX input voltage
Verify BUS < 3.875VDC
Verify BUS > 3.875VDC
2
0.8
V
V
ITXVIL
ITXVIH
TX input current
TX = 5VDC
TX = 0VDC
110
0
µA
µA
4Trip1
4Trip2
4X input trip point voltages
Normal Mode
4X Mode
1.4
V
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com