Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID7510 Rev 2
9/18
L5951
Electrical specifications
18
EN switch input current
VBAT = 14V, EN  2 V
VBAT = 14V, EN  0.8 V
0
0
A
A
VENL, ENH EN input threshold voltage
VBAT = 14V, VIL
VBAT = 14V, VIH
2
0.8
V
VRES, L
Reset(1) output low voltage
Set VBAT so VREG2 drops 0.30 V
0
0.02
0.4
V
VRES
Reset(1) output voltage threshold
Decrease VBATso VREG2 drops
until Reset(1) drops
VREG2
- 0.20
V
VRES, HYS Reset threshold hysteresis
50
mV
3.3V/100mA DC characteristics for regulator output 1
VREG1
Output voltage
IREG1 =100mA
3.14
3.3
3.46
V
Vline
Line regulation
7 V
 VBAT  26 V
(Measure
VREG1 Across VBAT
Range)
715
mV
Vload
Load regulation
0.5mA
 IREG1  100mA
(Measure
VREG1 across VLOAD
range)
850
mV
VDROPOUT
Dropout voltage (Measure VBAT -
VREG1 when VREG1 drops 0.1V)
IREG1 = 100mA
IREG1 = 5mA
1
0.12
2.2
1.5
V
V
Ilim1
Current limit
200
mA
SVR1
Reg1 supply voltage rejection
IREG1 = IREG2 = IREG3 = 50mA
f = 20 to 20kHz
VBAT = 14Vdc, 1Vac,pp
45
dB
5V/100mA regulator output 2
VREG2
Output voltage
IREG2 =100mA
4.75
5
5.25
V
Vline
Line regulation
7V
 VBAT  26V
(Measure
VREG2 across VBAT
range)
640
mV
Vload
Load regulation
0.5mA
 IREG2  100mA
(Measure
VREG2 across VLOAD
range)
14
100
mV
VDROPOUT
Dropout voltage (Measure VBAT -
VREG2 when VREG2 drops 0.1V)
IREG2 =100mA
IREG2 =5mA
450
22
mV
mV
Ilim2
Current limit
200
mA
SVR2
Reg2 supply voltage rejection
IREG1 = IREG2 = IREG3 = 50mA
f = 20 to 20kHz
VBAT = 14Vdc, 1Vac,pp
45
dB
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com