Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics L5951 Datasheet HTML 14Page - STMicroelectronics L5951 Datasheet HTML 15Page - STMicroelectronics L5951 Datasheet HTML 16Page - STMicroelectronics L5951 Datasheet HTML 17Page - STMicroelectronics L5951 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical application circuit
L5951
14/18
DocID7510 Rev 2
4
Typical application circuit
4.1
Application circuit
Figure 7. Application circuit
4.2
Typical reset circuit
Figure 8. Reset circuit
VBATT
EN
10V
C1
0.1
μF
R1
47K
C8
0.1
μF
BAT
EN
LVS
SLEEP
4X
LOOP
TX
RX
RESET
FROM
LOGIC
TO
LOGIC
BUS/BUS OUT
LOAD/BUS IN
R2
10.7K
C7
10
μF
C5
10
μF
C3
10
μF
7.8VSW
5VSB
3.3VSB
REG1
REG2
REG3
REXT
R3
68K
GND
D99AU998mod
C9
470pF
C10
470
μF
Note: ESR of output capacitors should be between 0.2
 and 5.0.
RESET
R
C
5VSB
to micro
D99AU999
1) 10k
 is the minimum resistance for R.
2) The value of C depends on timing needed
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com