Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics L5951 Datasheet HTML 14Page - STMicroelectronics L5951 Datasheet HTML 15Page - STMicroelectronics L5951 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Electrical specifications
L5951
12/18
DocID7510 Rev 2
3.4
BUS timing diagrams
Figure 3. BUS rise and fall times
Figure 4. BUS pulse width distortion
RXLTOHdly
RXHTOLdly
RX output delay time
See Figure 4
Measured from BUS threshold
voltage
1.5
1.9
s
s
RXLTOH
RXHTOL
RX output transition time
Load RX with 50pF to ground
See Figure 5
170
70
ns
ns
RXLTOH
RXHTOL
RX output transition time during
sleep state
Load RX with 50pF to ground
See Figure 5, Sleep(1) = 0VDC
170
70
ns
ns
1. Denotes active low.
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
64
μsec
TX
5V
0V
6.25V
BUS
1.5V
trise
tfall
6.25V
1.5V
D99AU993
64
μsec
TX
5V
0V
6.25V
BUS
1.5V
D99AU994
3.875V
>35
μsec
64
μsec
<93
μsec
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com