Electronic Components Datasheet Search
  English  ▼

X  

L5951 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical specifications
L5951
8/18
DocID7510 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Tamb = 25 °C, VBAT = 14.4 V unless otherwise specified. Standard Loads: IREG1 = 0.5 mA,
IREG2 = 0.5 mA, IREG3 = 5 mA.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC operating supply voltage
-0.6 to 26.5
V
VDIAG
Diagnostic output voltage
-0.6 to 5.5
V
VIN
Input control voltage (EN, Sleep, 4X, Loop, TX)
-0.6 to 5.5
V
VOUT
Output control voltage (Reset (1))
1. Denotes active low.
-0.3 to 5.5
V
VS
Peak supply voltage t = 50ms
34
V
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-40 to 150
°C
Table 5. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb Thermal resistance junction-to-ambient (1)
1. With 6cm2 on board heat sink area.
50
°C/W
Table 6. Electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq,ST-BY
Standby quiescent current
EN, Sleep* = 0V, VBAT = 14V,
IREG2 = 50mA, IREG1 = 50mA
EN, Sleep* = 0V, VBAT = 14V,
IREG2 = 500A, IREG1 = 250mA
350
110
A
A
Maximum quiescent current -
VBAT
VBAT = 14V, IREG1 = 100mA,
IREG2 = 100mA, IREG3 = 100mA,
IBUS = 30mA LVS = 0V
LVS = 10V
10
10.5
mA
mA
Maximum quiescent current -
LVS
VBAT = 14V, IREG1 = 100mA,
IREG2 = 100mA, IREG3 = 100mA,
IBUS = 30mA LVS = 10V
750
A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com