Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 2 Page - Texas Instruments

  INA214 Datasheet HTML 1Page - Texas Instruments INA214 Datasheet HTML 2Page - Texas Instruments INA214 Datasheet HTML 3Page - Texas Instruments INA214 Datasheet HTML 4Page - Texas Instruments INA214 Datasheet HTML 5Page - Texas Instruments INA214 Datasheet HTML 6Page - Texas Instruments INA214 Datasheet HTML 7Page - Texas Instruments INA214 Datasheet HTML 8Page - Texas Instruments INA214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................16
7.5 Programming............................................................ 20
7.6 Register Maps...........................................................24
8 Application and Implementation.................................. 37
8.1 Application Information............................................. 37
8.2 Typical Application.................................................... 37
8.3 Power Supply Recommendations.............................38
8.4 Layout....................................................................... 39
9 Device and Documentation Support............................40
9.1 Device Support......................................................... 40
9.2 Documentation Support............................................ 40
9.3 Receiving Notification of Documentation Updates....40
9.4 Support Resources................................................... 40
9.5 Trademarks...............................................................40
9.6 Electrostatic Discharge Caution................................40
9.7 Glossary....................................................................40
10 Revision History.......................................................... 40
11 Mechanical, Packaging, and Orderable
Information.................................................................... 41
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com