Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 40 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 40 Page - Texas Instruments

Back Button INA214 Datasheet HTML 36Page - Texas Instruments INA214 Datasheet HTML 37Page - Texas Instruments INA214 Datasheet HTML 38Page - Texas Instruments INA214 Datasheet HTML 39Page - Texas Instruments INA214 Datasheet HTML 40Page - Texas Instruments INA214 Datasheet HTML 41Page - Texas Instruments INA214 Datasheet HTML 42Page - Texas Instruments INA214 Datasheet HTML 43Page - Texas Instruments INA214 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
9 Device and Documentation Support
9.1 Device Support
9.1.1 Development Support
• For INA3221 evaluation module (EVM), go to www.ti.com/tool/INA3221EVM
9.2 Documentation Support
9.2.1 Related Documentation
• Texas Instruments, INA3221EVM User Guide
9.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2014) to Revision C (September 2025)
Page
Changes from Revision A (June 2013) to Revision B (September 2014)
Page
• Added Device Informationand ESD Ratings tables, and Feature Description, Device Functional Modes,
Application and Implementation, Power Supply Recommendations, Layout, Device and Documentation
Support, and Mechanical, Packaging, and Orderable Information sections.......................................................1
• Deleted trace from SDA to SCL, and added missing connector dot to VS in front-page diagram ..................... 1
• Added (VIN+) + (VIN–) / 2 to common-mode analog inputs in the Absolute Maximum Ratings table ................. 4
• Deleted VBUS from analog inputs in Absolute Maximum Ratings table ........................................................... 4
• Added operating temperature to Absolute Maximum Ratings table................................................................... 4
• Changed all VSENSE to VSHUNT throughout data sheet for consistency.............................................................. 5
• Changed "Status register" to "Mask/Enable register" to clarify register name in Basic ADC Functions section...
.......................................................................................................................................................................... 11
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com