Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA214 Datasheet HTML 9Page - Texas Instruments INA214 Datasheet HTML 10Page - Texas Instruments INA214 Datasheet HTML 11Page - Texas Instruments INA214 Datasheet HTML 12Page - Texas Instruments INA214 Datasheet HTML 13Page - Texas Instruments INA214 Datasheet HTML 14Page - Texas Instruments INA214 Datasheet HTML 15Page - Texas Instruments INA214 Datasheet HTML 16Page - Texas Instruments INA214 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
7.3.2.3 Power-Valid Alert
The power-valid alert verifies if all power rails are above the required levels. This feature manages power
sequencing, and validates the reported measurements based on system configuration. Power-valid mode starts
at power-up, and detects when each channel exceeds a 10V threshold. This 10V level is the default value
programmed into the Power-Valid Upper-Limit register. This value can be reprogrammed when the INA3221 is
powered up to a valid supply-voltage level of at least 2.7V. When all three bus-voltage measurements reach
the programmed value loaded to the Power-Valid Upper-Limit register, the power-valid (PV) alert pin pulls high.
PV powers up in a low state, and does not pull high until the power-valid conditions are met, indicating all
bus-voltage rails are above the power-valid upper-limit value. This sequence is shown in Figure 7-1.
Power
Valid
Output
High
Low
All enabled channel bus voltages are
above the power-valid upper limit.
All enabled channel bus voltages are
not above the power-valid upper limit.
At least one bus voltage channel has
dropped below the power-valid lower limit.
All enabled channel bus voltages are
above the power-valid upper limit.
Figure 7-1. Power-Valid State Diagram
When the power-valid conditions are met, and the PV pin pulls high, the INA3221 monitors if any bus-voltage
measurements drop below 9V. This 9V level is the default value programmed into the Power-Valid Lower-Limit
register. This value can also be reprogrammed when the INA3221 powers up to a supply voltage of at least
2.7V. If any bus-voltage measurement on the three channels drops below the Power-Valid Lower-Limit register
value, the PV pin goes low, indicating that the power-valid condition is no longer met. At this point, the INA3221
resumes monitoring the power rails for a power-valid condition set in the Power-Valid Upper-Limit register.
The power-valid alert function is based on the power-valid conditions requirement that all three channels reach
the intended Power-Valid Upper-Limit register value. If all three channels are not used, connect the unused-
channel IN– pin externally to one of the used channels to use the power-valid alert function. If the unused
channel is not connected to a valid rail, the power-valid alert function cannot detect if all three channels reach
the power-valid level. Float the unused channel IN+ pin.
The power-valid function also requires that bus-voltage measurements are monitored. To detect changes in
the power-valid state, enable bus-voltage measurements through one of the corresponding MODE-bit settings
in the Configuration register. The single-shot bus-voltage mode periodically cycles between the bus-voltage
measurements to make sure that the power-valid conditions are met.
When all three bus-voltage measurements are completed, the device compares the results to the power-valid
threshold values to determine the power-valid state. The bus-voltage measurement values remain in the
corresponding channel output registers until the bus-voltage measurements are taken again, thus updating
the output registers. When the output registers are updated, the values are again compared to the power-valid
thresholds. Without taking periodic bus-voltage measurements, the INA3221 is unable to determine if the power-
valid conditions are maintained.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com