Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA214 Datasheet HTML 17Page - Texas Instruments INA214 Datasheet HTML 18Page - Texas Instruments INA214 Datasheet HTML 19Page - Texas Instruments INA214 Datasheet HTML 20Page - Texas Instruments INA214 Datasheet HTML 21Page - Texas Instruments INA214 Datasheet HTML 22Page - Texas Instruments INA214 Datasheet HTML 23Page - Texas Instruments INA214 Datasheet HTML 24Page - Texas Instruments INA214 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
7.5.2 Writing To and Reading From the INA3221
To access a specific INA3221 register, write the appropriate value to the register pointer. See Table 7-3 for a
complete list of registers and corresponding addresses. The value for the register pointer, as shown in Figure
7-9, is the first byte transferred after the target address byte with the R/ W bit low. Every write operation to the
INA3221 requires a register pointer value.
1
1
9
9
1
0
0
0
0
0
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Target Address Byte
(1)
Frame 2: Register Pointer Byte
Start By
Controller
ACK By
Device
ACK By
Device
Stop By
Controller
SCL
SDA
A.
The value of the Target Address Byte is determined by the A0 pin setting; see Table 7-1.
Figure 7-9. Typical Register Pointer Set
Register writes begin with the first byte transmitted by the controller. This byte is the target address, with the
R/ W bit low. The INA3221 then acknowledges receipt of a valid address. The next byte transmitted by the
controller is the register address that data are written to. This register address value updates the register pointer
to the desired register. The next two bytes are written to the register addressed by the register pointer. The
INA3221 acknowledges receipt of each data byte. The controller terminates data transfer by generating a start or
stop condition.
When reading from the INA3221, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, write a
new value to the register pointer. This write is accomplished by issuing a target address byte with the R/ W
bit low, followed by the register pointer byte. No additional data are required. The controller then generates a
start condition and sends the target address byte with the R/ W bit high to initiate the read command. The next
byte is transmitted by the target and is the most significant byte of the register indicated by the register pointer.
This byte is followed by an acknowledge from the controller; then the target transmits the least significant byte.
The controller acknowledges receipt of the data byte. The controller terminates data transfer by generating a
not-acknowledge after receiving any data byte, or generating a start or stop condition. If repeated reads from the
same register are desired, it is not necessary to continually send the register pointer bytes; the INA3221 retains
the register pointer value until the value is changed by the next write operation.
Figure 7-10 and Figure 7-11 show the write and read operation timing diagrams, respectively. Note that register
bytes are sent most-significant byte first, followed by the least significant byte.
1
1
1
9
9
9
1
0
0
0
0
0
A0
R/W
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Target Address Byte
(1)
Frame 2: Data MSByte
Frame 3: Data LSByte
Start By
Controller
ACK By
Device
ACK By
Device
Stop By
Controller
ACK By
Device
SCL
SDA
A.
The value of the target address byte is determined by the A0 pin setting; see Table 7-1.
Figure 7-10. Timing Diagram for Write Word Format
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com