Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA214 Datasheet HTML 4Page - Texas Instruments INA214 Datasheet HTML 5Page - Texas Instruments INA214 Datasheet HTML 6Page - Texas Instruments INA214 Datasheet HTML 7Page - Texas Instruments INA214 Datasheet HTML 8Page - Texas Instruments INA214 Datasheet HTML 9Page - Texas Instruments INA214 Datasheet HTML 10Page - Texas Instruments INA214 Datasheet HTML 11Page - Texas Instruments INA214 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 3.3V,VIN+ = 12V, VSHUNT = (VIN+) – (VIN–) = 0mV, and VBUS = VIN– = 12V (unless otherwise noted)
50
100
150
200
0
2
4
6
8
10 12 14 16 18 20 22 24 26
Common−Mode Input Voltage (V)
G008
Figure 6-7. Shunt Input Gain Error vs. Common-Mode Voltage
Input Offset Voltage (mV)
G009
Figure 6-8. Bus Input Offset Voltage Production Distribution
−16
−12
−8
−4
0
4
8
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G010
Figure 6-9. Bus Input Offset Voltage vs. Temperature
Input Gain Error (%)
G011
Figure 6-10. Bus Input Gain Error Production Distribution
0
50
100
150
200
250
300
350
400
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G012
Figure 6-11. Bus Input Gain Error vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
0
4
8
12
16
20
24
28
Common−Mode Input Voltage (V)
IB+
IB−
G013
Figure 6-12. Input Bias Current vs. Common-Mode Voltage
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com