Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 3 Page - Texas Instruments

  INA214 Datasheet HTML 1Page - Texas Instruments INA214 Datasheet HTML 2Page - Texas Instruments INA214 Datasheet HTML 3Page - Texas Instruments INA214 Datasheet HTML 4Page - Texas Instruments INA214 Datasheet HTML 5Page - Texas Instruments INA214 Datasheet HTML 6Page - Texas Instruments INA214 Datasheet HTML 7Page - Texas Instruments INA214 Datasheet HTML 8Page - Texas Instruments INA214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
4 Device Comparison Table
DEVICE
DESCRIPTION
INA226
36V, Bidirectional, Ultrahigh Accuracy, Low- or High-Side, I2C Out, Current and Power Monitor With Alert
INA219
26V, Bidirectional, Zero-Drift, High-Side, I2C Out, Current and Power Monitor
INA209
26V, Bidirectional, Low- or High-Side, I2C Out, Current and Power Monitor and High-Speed Comparator
INA210, INA211, INA212,
INA213, INA214
26V, Bidirectional, Zero-Drift, High-Accuracy, Low- or High-Side, Voltage Out, Current Shunt Monitor
5 Pin Configuration and Functions
IN 3
IN+3
GND
VS
IN+1
IN 1
PV
Critical
1
2
3
4
12
11
10
9
Figure 5-1. RGV Package 16-Pin VQFN Top View
Table 5-1. Pin Functions
PIN
Type
DESCRIPTION
NAME
NO.
A0
5
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 7-1 shows pin settings and
corresponding addresses.
Critical
9
Digital output
Conversion-triggered critical alert; open-drain output.
GND
3
Analog
Ground
IN–1
11
Analog input
Connect to load side of the channel 1 shunt resistor. Bus voltage is the measurement
from this pin to ground.
IN+1
12
Analog input
Connect to supply side of the channel 1 shunt resistor.
IN–2
14
Analog input
Connect to load side of the channel 2 shunt resistor. Bus voltage is the measurement
from this pin to ground.
IN+2
15
Analog input
Connect to supply side of the channel 2 shunt resistor.
IN–3
1
Analog input
Connect to load side of the channel 3 shunt resistor. Bus voltage is the measurement
from this pin to ground.
IN+3
2
Analog input
Connect to supply side of the channel 3 shunt resistor.
PV
10
Digital output
Power valid alert; open-drain output.
SCL
6
Digital input
Serial bus clock line; open-drain input.
SDA
7
Digital I/O
Serial bus data line; open-drain input/output.
TC
13
Digital output
Timing control alert; open-drain output.
VPU
16
Analog input
Pull-up supply voltage used to bias power valid output circuitry.
VS
4
Analog
Power supply, 2.7V to 5.5V.
Warning
8
Digital output
Averaged measurement warning alert; open-drain output.
Thermal
Pad
-
-
This pad must be connected to ground or left floating.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com