Electronic Components Datasheet Search
  English  ▼

X  

INA214 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA214
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA214 Datasheet(HTML) 4 Page - Texas Instruments

  INA214 Datasheet HTML 1Page - Texas Instruments INA214 Datasheet HTML 2Page - Texas Instruments INA214 Datasheet HTML 3Page - Texas Instruments INA214 Datasheet HTML 4Page - Texas Instruments INA214 Datasheet HTML 5Page - Texas Instruments INA214 Datasheet HTML 6Page - Texas Instruments INA214 Datasheet HTML 7Page - Texas Instruments INA214 Datasheet HTML 8Page - Texas Instruments INA214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage
Supply, VS
6
V
Analog inputs
IN+, IN–
Differential (VIN+) – (VIN–)(2)
–26
26
V
Common-mode (VIN+) + (VIN–) / 2
–0.3
26
VPU
26
Digital outputs
Critical, warning, power valid
6
V
Timing control
26
Serial bus
Data line, SDA
(GND – 0.3)
6
V
Clock line, SCL
(GND – 0.3)
(VS + 0.3)
Current
Input, into any pin
5
mA
Open-drain, digital output
10
Temperature
Operating, TA
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– can have a differential voltage of –26V to +26V; however, the voltage at these pins must not exceed the range of
–0.3V to +26V.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model
±200
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating supply voltage
2.7
5.5
V
Operating temperature, TA
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA3221
UNIT
RGV (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
36.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42.7
°C/W
RθJB
Junction-to-board thermal resistance
14.7
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
14.8
°C/W
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com