Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Input Common-Mode Voltage (V)
-75
-50
-25
0
25
50
75
100
125
150
175
-15
-14.6
-14.2
-13.8
-13.4
-13
-12.6
-12.2
D034
D034
D034
40qC
25qC
85qC
125qC
Input Common-Mode Voltage (V)
-50
-25
0
25
50
75
100
125
150
12
12.4
12.8
13.2
13.6
14
14.4
14.8
D035
D035
40qC
25qC
85qC
125qC
Output Voltage (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D032
D032
D032
Output Voltage (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
D033
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-1500
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
1500
D030
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
0.3
0.36
0.42
0.48
0.54
0.6
0.66
0.72
0.78
0.84
0.9
D031
VS = r 15 V
VS = r 2.25 V
15
INA821
www.ti.com
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Average of 294 units
G = 10
Figure 31. Gain Error vs Temperature, G = 10
Figure 32. Supply Current vs Temperature
G = 1
Figure 33. Gain Nonlinearity, G = 1
G = 10
Figure 34. Gain Nonlinearity, G = 10
Figure 35. Offset Voltage vs Negative Common-Mode
Voltage
Figure 36. Offset Voltage vs Positive Common-Mode
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com