Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
5.49 k
VCM = 10 V
+15 V
V
OUT = 1 V
±15 V
R
S+
1 k
C1
C2
RG
INA
RG
R
S±
0.99 k
V
DIFF = VOUT / G
24
INA821
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
8.3.5 Operating Voltage
The INA821 operates over a power-supply range of 4.5 V to 36 V (±2.25 V to ±18 V).
CAUTION
Supply voltages higher than 40 V (±20 V) can permanently damage the device.
Parameters that vary over supply voltage or temperature are shown in the Typical
Characteristics section of this data sheet.
8.3.6 Error Sources
Most modern signal-conditioning systems calibrate errors at room temperature. However, calibration of errors
that result from a change in temperature is normally difficult and costly. Therefore, minimize these errors by
choosing high-precision components, such as the INA821, that have improved specifications in critical areas that
impact the precision of the overall system. Figure 64 shows an example application.
Figure 64. Example Application With G = 10 V/V and a 1-V Output Voltage
Resistor-adjustable devices (such as the INA821) show the lowest gain error in G = 1 because of the inherently
well-matched drift of the internal resistors of the differential amplifier. At gains greater than 1 (for instance, G =
10 V/V or G = 100 V/V), the gain error becomes a significant error source because of the contribution of the
resistor drift of the 24.7-kΩ feedback resistors in conjunction with the external gain resistor. Except for very high
gain applications, the gain drift is by far the largest error contributor compared to other drift errors, such as offset
drift.
The INA821 offers excellent gain error over temperature for both G > 1 and G = 1 (no external gain resistor).
Table 5 summarizes the major error sources in common INA applications and compares the three cases of G = 1
(no external resistor) and G = 10 (5.49-kΩ external resistor) and G = 100 (499-Ω external resistor). All
calculations are assuming an output voltage of VOUT = 1 V. Thus, the input signal VDIFF (given by VDIFF= VOUT/G)
exhibits smaller and smaller amplitudes with increasing gain G. In this example, VDIFF = 1 mV at G = 1000. All
calculations refer the error to the input for easy comparison and system evaluation. As Table 5 shows, errors
generated by the input stage (such as input offset voltage) are more dominant at higher gain, while the effects of
output stage are suppressed because they are divided by the gain when referring them back to the input. the
gain error and gain drift error are much more significant for gains greater than 1 because of the contribution of
the resistor drift of the 24.7-kΩ feedback resistors in conjunction with the external gain resistor. In most
applications, static errors (absolute accuracy errors) can readily be removed during calibration in production,
while the drift errors are the key factors limiting overall system performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com