Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments INA821 Datasheet HTML 31Page - Texas Instruments INA821 Datasheet HTML 32Page - Texas Instruments INA821 Datasheet HTML 33Page - Texas Instruments INA821 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
C001
0
1
2
3
4
5
-20
-10
0
10
20
Input Current (mA)
C001
0
1
2
3
4
5
-10
-5
0
5
10
Input Voltage (V)
:
:
:
G
49.4 k
49.4 k
R
10.4 k
G
1
5.75
1
V
V
OUT
REF
-
V
D
G =
=
= 5.75
4.8 V
2.5 V
400 mV
-
V
V
R
V
1
D
V
V
IN
-
D
´
R
2
R + R
1
2
V = V
R
D
IN
2
=
´
®
= 4.167 kW
30
INA821
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Application (continued)
R1 sets the input impedance of the voltage input mode. The minimum typical input impedance is 100 kΩ. The R1
value is 100 kΩ because increasing the R1 value also increases noise. The value of R3 must be extremely small
compared to R1 and R2. The value of R3 is 20 Ω because that resistance value is smaller than R1 and yields an
input voltage of ±400 mV when operating in current mode (±20 mA).
Use Equation 5 to calculate R2 if VD = ±400 mV, VIN = ±10 V, and R1 = 100 kΩ.
(5)
The value obtained from Equation 5 is not a standard 0.1% value, so 4.17 kΩ is selected. R1 and R2 use 0.1%
tolerance resistors to minimize error.
Use Equation 6 to calculate the gain of the instrumentation amplifier.
(6)
Equation 7 calculates the gain-setting resistor value using the INA821 gain equation (Equation 1).
(7)
Use a standard 0.1% resistor value of 10.5 kΩ for this design.
9.2.3 Application Curves
Figure 70 and Figure 71 show typical characteristic curves for the circuit in Figure 69.
Figure 70. PLC Output Voltage vs Input Voltage
Figure 71. PLC Output Voltage vs Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com