Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 1 Page - Texas Instruments

  INA821 Datasheet HTML 1Page - Texas Instruments INA821 Datasheet HTML 2Page - Texas Instruments INA821 Datasheet HTML 3Page - Texas Instruments INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Input Stage Offset Voltage Drift (PV/qC)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
30
25
20
15
10
5
0
D002
+
±
+
±
+
±
10 k
24.7 k
10 k
10 k
10 k
24.7 k
Over-
Voltage
Protection
Over-
Voltage
Protection
RG
REF
+VS
OUT
-VS
-IN
+IN
RG
O
IN
IN
REF
V
G V
V
V
:
G
49.4 k
G
1
R
RG
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA821
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
INA821 35-µV Offset, 7-nV/
√Hz Noise, Low-Power, Precision Instrumentation Amplifier
1
1 Features
1
•
Low offset voltage: 10 µV (typ), 35 µV (max)
•
Gain drift: 5 ppm/°C (G = 1),
35 ppm/°C (G > 1) (max)
•
Noise: 7 nV/
√Hz
•
Bandwidth: 4.7 MHz (G = 1), 290 kHz (G = 100)
•
Stable with 1-nF capacitive loads
•
Inputs protected up to ±40 V
•
Common-mode rejection: 112 dB, G = 10 (min)
•
Power supply rejection: 110 dB, G = 1 (min)
•
Supply current: 650 µA (max)
•
Supply range:
–
Single-supply: 4.5 V to 36 V
–
Dual-supply: ±2.25 V to ±18 V
•
Specified temperature range: –40°C to +125°C
•
Packages: 8-pin SOIC, VSSOP, and WSON
2 Applications
•
Analog input module
•
Flow transmitter
•
Battery test
•
LCD test
•
Electrocardiogram (ECG)
•
Surgical equipment
•
Process analytics (pH, gas, concentration, force
and humidity)
3 Description
The INA821 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a wide single-supply or dual-supply
range. A single external resistor sets any gain from 1
to 10,000. The device has high precision as a result
of super-beta input transistors, which provide low
input offset voltage, offset voltage drift, input bias
current,
and
input
voltage
and
current
noise.
Additional
circuitry
protects
the
inputs
against
overvoltage up to ±40 V.
The INA821 is optimized to provide a high common-
mode rejection ratio. At G = 1, the common-mode
rejection ratio exceeds 92 dB across the full input
common-mode range. The device is designed for low-
voltage operation from a 4.5-V single supply, and
dual supplies up to ±18 V.
The INA821 is available in 8-pin SOIC, VSSOP, and
WSON packages, and is specified over the –40°C to
+125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA821
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
INA821 Simplified Internal Schematic
Typical Distribution of Input Stage Offset Voltage
Drift


Similar Part No. - INA821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI-INA821 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results

Similar Description - INA821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
926Kb / 24P
1 nV/Hz Low Noise 210C Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com