Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments INA821 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
+IN
±IN
RG
INA821
5 V
OPA191
100 k
5 V
1 F
5 V
100 k
OUT
Copyright © 2017, Texas Instruments Incorporated
RG
RG
0
20
40
60
80
100
120
10
100
1k
10k
0 Ω
10 Ω
5 Ω
15 Ω
20 Ω
Frequency (Hz)
27
INA821
www.ti.com
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Application Information (continued)
The parasitic resistance at the reference pin (RREF) creates an imbalance in the four resistors of the internal
difference amplifier that results in a degraded common-mode rejection ratio (CMRR). Figure 66 shows the
degradation in CMRR of the INA821 as a result of the increased resistance at the reference pin. For the best
performance, keep the source impedance to the REF pin (RREF) less than 5 Ω.
Figure 66. The Effect of Increasing Resistance at the Reference Pin
Voltage reference devices are an excellent option for providing a low-impedance voltage source for the reference
pin. However, if a resistor voltage divider generates a reference voltage, buffer the divider by an op amp, as
shown in Figure 67, to avoid CMRR degradation.
Figure 67. Use an Op Amp to Buffer Reference Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com