Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
(e
+
NI
2
´
e
NO
2
G
´
6
V
DIFF
BW
25
INA821
www.ti.com
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Table 4. System Specifications for Error Calculation
QUANTITY
VALUE
UNIT
VOUT
1
V
VCM
10
V
VS
1
V
RS+
1000
Ω
RS–
999
Ω
RG tolerance
0.01
%
RG drift
10
ppm/°C
Temperature range upper limit
105
°C
Table 5. Error Calculation
ERROR SOURCE
ERROR CALCULATION
INA821 VALUES
SPECIFICATION
UNIT
G = 1
ERROR
(ppm)
G = 100
ERROR
(ppm)
G = 1000
ERROR
(ppm)
ABSOLUTE ACCURACY AT 25°C
Input offset voltage
VOSI / VDIFF
35
µV
35
350
3500
Output offset voltage
VOSO / (G × VDIFF)
300
µV
350
350
350
Input offset current
IOS × maximum (RS+, RS–) / VDIFF
0.5
nA
1
5
50
CMRR (min)
VCM / (10
CMRR/20 × V
DIFF)
92 (G = 1),
112 (G = 10),
132 (G = 100)
dB
251
251
251
PSRR (min)
(VCC – VS)/ (10
PSRR/20 × V
DIFF)
110 (G = 1),
114 (G = 10),
130 (G = 100)
dB
3
20
32
Gain error from INA (max)
GE(%) × 104
0.02 (G = 1),
0.15 (G = 10, 100)
%
200
1500
1500
Gain error from external resistor RG (max)
GE(%) × 104
0.01
%
100
100
100
Total absolute accuracy error (ppm) at 25°C,
worst case
sum of all errors
—
—
940
2576
5738
Total absolute accuracy error (ppm) at 25°C,
average
rms sum of all errors
—
—
487
1603
3834
DRIFT TO 105°C
Gain drift from INA (max)
GTC × (TA – 25)
5 (G = 1),
35 (G = 10, 100)
ppm/°C
400
2800
2800
Gain drift from external resistor RG (max)
GTC × (TA – 25)
10
ppm/°C
800
800
800
Input offset voltage drift (max)
(VOSI_TC / VDIFF) × (TA – 25)
0.4
µV/°C
32
320
3200
Output offset voltage drift
[VOSO_TC / ( G × VDIFF)] × (TA – 25)
5
µV/°C
400
400
400
Offset current drift
IOS_TC × maximum (RS+, RS–) ×
(TA – 25) / VDIFF
20
pA/°C
2
16
160
Total drift error to 105°C (ppm), worst case
sum of all errors
—
—
1634
4336
7360
Total drift error to 105°C (ppm), typical
rms sum of all errors
—
—
980
2957
4348
RESOLUTION
Gain nonlinearity
10 (G = 1, 10),
15 (G = 100)
ppm of FS
10
10
15
Voltage noise (at 1 kHz)
eNI = 7,
eNO = 65
µVPP
1335
886
3566
Current noise (at 1kHz)
IN × maximum (RS+, RS–) × √BW /
VDIFF
0.13
pA/
√Hz
0.4
2
11
Total resolution error (ppm), worst case
sum of all errors
—
—
1345
896
3581
Total resolution error (ppm), typical
rms sum of all errors
—
—
1335
886
3566
TOTAL ERROR
Total error (ppm), worst case
sum of all errors
—
—
3919
7808
16724
Total error (ppm), typical
rms sum of all errors
—
—
1726
3478
6806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com