Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA821
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments INA821 Datasheet HTML 31Page - Texas Instruments INA821 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
TI Device
47 kW
47 kW
TI Device
10 kW
Microphone,
Hydrophone,
and So Forth
Thermocouple
TI Device
Center tap provides
bias current return.
Copyright © 2017, Texas Instruments Incorporated
28
INA821
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Application Information (continued)
9.1.2 Input Bias Current Return Path
The input impedance of the INA821 is extremely high (approximately 100 GΩ.) However, a path must be
provided for the input bias current of both inputs. This input bias current is typically 150 pA. High input
impedance means that this input bias current changes little with varying input voltage.
For proper operation, Input circuitry must provide a path for this input bias current. Figure 68 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA821 and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path connects to one input (as shown in the thermocouple example in Figure 68).
With a higher source impedance, using two equal resistors provides a balanced input with possible advantages
of a lower input offset voltage as a result of bias current and better high-frequency common-mode rejection.
Figure 68. Providing an Input Common-Mode Current Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com