Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA821
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
8 Detailed Description
8.1 Overview
The INA819 is a monolithic precision instrumentation amplifier that incorporates a current-feedback input stage
and a four-resistor difference amplifier output stage. The functional block diagram in the next section shows how
the differential input voltage is buffered by Q1 and Q2 and is forced across RG, which causes a signal current to
flow through RG, R1, and R2. The output difference amplifier, A3, removes the common-mode component of the
input signal and refers the output signal to the REF pin. The VBE and voltage drop across R1 and R2 produce
output voltages on A1 and A2 that are approximately 0.8 V lower than the input voltages.
Each input is protected by two field-effect transistors (FETs) that provide a low series resistance under
normal signal conditions, and preserve excellent noise performance. When excessive voltage is applied, these
transistors limit input current to approximately 8 mA.
8.2 Functional Block Diagram
R1
25 k
RB
VB
+VS
–VS
+VS
–VS
+VS
+VS
–VS
Super-
NPN
Super-
NPN
RG
(External)
+VS
–VS
Overvoltage
Protection
Overvoltage
Protection
RB
–IN
+IN
REF
OUT
Q1
Q2
A1
A2
A3
+VS
IB Cancellation
IB Cancellation
R2
25 k
40 k
40 k
40 k
40 k
RG
RG
–VS
–VS
+VS
www.ti.com
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com