Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA821
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Time (1 s/div)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
20
40
60
80
100
D024
G = 1000
Figure 7-25. 0.1-Hz to 10-Hz RTI Voltage Noise
Time (1 s/div)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D025
Figure 7-26. 0.1-Hz to 10-Hz RTI Current Noise
Common Mode Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D026
45 qC
25 qC
125 qC
VS = ±15 V
Figure 7-27. Input Bias Current vs Common-Mode Voltage
Gain Error (ppm)
0
2.5%
5%
7.5%
10%
12.5%
15%
17.5%
20%
0
-250
250
-200 -150 -100
-50
50
100
150
200
D027
N = 94
Mean = –48 ppm
Std. Dev. = 58 ppm
G = 1
Figure 7-28. Typical Distribution of Gain Error,
G = 1
Gain Error (ppm)
0
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
0
-300
900
-150
150
300
450
600
750
D028
N = 94
Mean = 286 ppm
Std. Dev. = 204 ppm
G = 10
Figure 7-29. Typical Distribution of Gain Error,
G = 10
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-80
-70
-60
-50
-40
-30
-20
D029
G = 1
Figure 7-30. Gain Error vs Temperature
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com