Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA821
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Table 8-2. INA819 EMIRR for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
DIFFERENTIAL
EMIRR
COMMON-MODE
EMIRR
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultrahigh-frequency (UHF)
applications
52 dB
80 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication,
navigation, GPS (up to 1.6 GHz), GSM, aeronautical mobile, UHF applications
55 dB
71 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite,
L-band (1 GHz to 2 GHz)
58 dB
73 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific
and medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
59 dB
95 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
78 dB
96 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and
satellite operation, C-band (4 GHz to 8 GHz)
70 dB
100 dB
8.3.3 Input Common-Mode Range
The linear input voltage range of the INA819 input circuitry extends within 1.5 volts (typical) of both power
supplies and maintains excellent common-mode rejection throughout this range. The common-mode range for
the most common operating conditions are shown in Figure 8-4 toFigure 8-7. The common-mode range for other
operating conditions is best calculated using the Analog Engineers Calculator.
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
VS = 5 V
G = 1
Figure 8-4. Input Common-Mode Voltage
vs Output Voltage
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
VS = 5 V
G = 100
Figure 8-5. Input Common-Mode Voltage
vs Output Voltage
-5
-4
-3
-2
-1
0
1
2
3
4
5
±6
±4
±2
0
2
4
6
Output Voltage (V)
G = 1
G = 100
C006
VS = ±5 V
VREF = 0 V
Figure 8-6. Input Common-Mode Voltage
vs Output Voltage
-20
-15
-10
-5
0
5
10
15
±20
±10
0
10
20
Output Voltage (V)
G = 1
G = 100
C006
VS = ±15 V
VREF = 0 V
Figure 8-7. Input Common-Mode Voltage
vs Output Voltage
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com