Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO1044B Datasheet HTML 12Page - Texas Instruments ISO1044B Datasheet HTML 13Page - Texas Instruments ISO1044B Datasheet HTML 14Page - Texas Instruments ISO1044B Datasheet HTML 15Page - Texas Instruments ISO1044B Datasheet HTML 16Page - Texas Instruments ISO1044B Datasheet HTML 17Page - Texas Instruments ISO1044B Datasheet HTML 18Page - Texas Instruments ISO1044B Datasheet HTML 19Page - Texas Instruments ISO1044B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
RXD
CANH
CANL
GND 2
GND 1
V I
(SEE NOTE A )
1 . 5 V
I O
V O
V
I
V
O
2 V
2 .4 V
3 .5 V
VOH
t f
t r
t pHL
1 .5 V
V
OL
90 %
10 %
0 .3 Vcc 1
0 .7 Vcc 1
t pLH
CL(RXD)
A. The input pulse is supplied by a generator having the following characteristics: PRR ≤ 125 kHz, 50% duty cycle,
tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
Figure 7-5. Receiver Test Circuit and Voltage Waveforms
Table 7-1. Receiver Differential Input Voltage Threshold Test
INPUT
OUTPUT
VCANH
VCANL
|VID|
RXD
-11.5 V
-12.5 V
1000 mV
L
VOL
12.5 V
11.5 V
1000 mV
L
-8.55 V
-9.45 V
900 mV
L
9.45 V
8.55 V
900 mV
L
-8.75 V
-9.25 V
500 mV
H
VOH
9.25 V
8.75 V
500 mV
H
-11.8 V
-12.2 V
400 mV
H
12.2 V
11.8 V
400 mV
H
Open
Open
X
H
RL
CANH
CANL
TXD
CL
VO
CL(RXD)
RXD
VI
TXD
VDIFF
70%
500 mV
30%
30%
900 mV
VI
0V
tBIT(BUS)
RXD
VOH
VOL
70%
30%
tBIT(RXD)
tBIT(TXD)
GND1
5 x tBIT
Figure 7-6. tLOOP and CAN FD Timing Parameter Measurement
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com