Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO1044B Datasheet HTML 2Page - Texas Instruments ISO1044B Datasheet HTML 3Page - Texas Instruments ISO1044B Datasheet HTML 4Page - Texas Instruments ISO1044B Datasheet HTML 5Page - Texas Instruments ISO1044B Datasheet HTML 6Page - Texas Instruments ISO1044B Datasheet HTML 7Page - Texas Instruments ISO1044B Datasheet HTML 8Page - Texas Instruments ISO1044B Datasheet HTML 9Page - Texas Instruments ISO1044B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFIC
ATIONS
UNIT
D-8
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
> 4
mm
CPG
External Creepage(1)
Side 1 to side 2 distance across package surface > 4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>600
V
Material Group
According to IEC 60664-1
I
Overvoltage category
Rated mains voltage ≤ 150 VRMS
I-IV
Rated mains voltage ≤ 300 VRMS
I-III
DIN VDE V 0884-11:2017-01(2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
637
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-dependent dielectric
breakdown (TDDB) test;
450
VRMS
DC voltage
637
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification); VTEST =
1.2 × VIOTM, t = 1 s (100% production)
4242
VPK
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 62368-1, 1.2/50 µs
waveform, VTEST = 1.6 × VIOSM = 8 kVPK
(qualification)
5000
VPK
qpd
Apparent charge(4)
Method a: After I/O safety test subgroup 2/3, Vini
= VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM , tm = 10
s
≤ 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 × VIORM , tm = 10 s
≤ 5
Method b1: At routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.875 × VIORM , tm = 1 s
≤ 5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 × sin (2 πft), f = 1 MHz
~1
pF
RIO
Insulation resistance, input to output(5)
VIO = 500 V, TA = 25°C
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 150°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/
21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification); VTEST = 1.2
× VISO , t = 1 s (100% production)
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in
certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
(2)
ISO1044B is suitable for safe electrical insulation within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-pin device.
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com