Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 5 Page - Texas Instruments

  ISO1044B Datasheet HTML 1Page - Texas Instruments ISO1044B Datasheet HTML 2Page - Texas Instruments ISO1044B Datasheet HTML 3Page - Texas Instruments ISO1044B Datasheet HTML 4Page - Texas Instruments ISO1044B Datasheet HTML 5Page - Texas Instruments ISO1044B Datasheet HTML 6Page - Texas Instruments ISO1044B Datasheet HTML 7Page - Texas Instruments ISO1044B Datasheet HTML 8Page - Texas Instruments ISO1044B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
ISO1044B
UNIT
D (SOIC)
8 PINS
RΘJA
Junction-to-ambient thermal resistance
119.5
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
44.8
°C/W
RΘJB
Junction-to-board thermal resistance
56.1
°C/W
ΨJT
Junction-to-top characterization parameter
28.7
°C/W
ΨJB
Junction-to-board characterization parameter
55.3
°C/W
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, RL =
60 Ω , TXD with 5V, 5Mbps 50% duty
square wave
146
mW
PD1
Maximum power dissipation (side-1)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, RL =
60 Ω , TXD with 5V, 5Mbps 50% duty
square wave
15
mW
PD2
Maximum power dissipation (side-2)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, RL =
60 Ω , TXD with 5V, 5Mbps 50% duty
square wave
131
mW
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com