Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 3 Page - Texas Instruments

  ISO1044B Datasheet HTML 1Page - Texas Instruments ISO1044B Datasheet HTML 2Page - Texas Instruments ISO1044B Datasheet HTML 3Page - Texas Instruments ISO1044B Datasheet HTML 4Page - Texas Instruments ISO1044B Datasheet HTML 5Page - Texas Instruments ISO1044B Datasheet HTML 6Page - Texas Instruments ISO1044B Datasheet HTML 7Page - Texas Instruments ISO1044B Datasheet HTML 8Page - Texas Instruments ISO1044B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
1
VCC1
8
VCC2
2
TXD
7
GND2
3
RXD
6
CANH
4
GND1
5
CANL
Not to scale
Figure 5-1. D Package 8-Pin SOIC Top View
Pin Functions—8 Pins
PIN
NAME
I/O
DESCRIPTION
1
VCC1
—
Digital-side supply voltage, Side 1
2
TXD
I
CAN transmit data input (LOW for dominant and HIGH for recessive bus states)
3
RXD
O
CAN receive data output (LOW for dominant and HIGH for recessive bus states)
4
GND1
—
Digital-side ground connection, Side 1
5
CANL
I/O
Low-level CAN bus line
6
CANH
I/O
High-level CAN bus line
7
GND2
—
Transceiver-side ground connection, Side 2
8
VCC2
—
Transceiver-side supply voltage, Side 2
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com