Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1044B Datasheet HTML 3Page - Texas Instruments ISO1044B Datasheet HTML 4Page - Texas Instruments ISO1044B Datasheet HTML 5Page - Texas Instruments ISO1044B Datasheet HTML 6Page - Texas Instruments ISO1044B Datasheet HTML 7Page - Texas Instruments ISO1044B Datasheet HTML 8Page - Texas Instruments ISO1044B Datasheet HTML 9Page - Texas Instruments ISO1044B Datasheet HTML 10Page - Texas Instruments ISO1044B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Plan to certify according to DIN V
VDE V 0884-11:2017- 01
Plan to certify according to IEC
60950-1, IEC 62368-1
Plan to certify according to UL
1577 Component Recognition
Program
Plan to certify according to
GB4943.1-2011
Maximum transient isolation
voltage,
4242 VPK;
Maximum repetitive peak
isolation voltage,
637 VPK;
Maximum surge isolation voltage,
5000 VPK
400 VRMS basic insulation
working voltage per CSA
60950-1-07+A1+A2 and IEC
60950-1 2nd Ed., for pollution
degree 2, material group I
Single protection,
3000 VRMS
Basic Insulation, Altitude ≤ 5000
m, Tropical Climate, 400 VRMS
maximum working voltage
Certificate planned
Certificate planned
Certificate planned
Certificate planned
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output
circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOIC-8 PACKAGE
IS
Safety input, output, or supply current
RθJA = 119.5 °C/W, VI = 5.5 V, TJ =
150°C, TA = 25°C, see Figure 6-1
190
mA
RθJA = 119.5 °C/W, VI = 3.6 V, TJ =
150°C, TA = 25°C, see Figure 6-1
290
mA
RθJA = 119.5 °C/W, VI = 2.75 V, TJ =
150°C, TA = 25°C, see Figure 6-1
380
mA
RθJA = 119.5 °C/W, VI = 1.89 V, TJ =
150°C, TA = 25°C, see Figure 6-1
553
mA
PS
Safety input, output, or total power
RθJA = 119.5 °C/W, TJ = 150°C, TA =
25°C, see Figure 6-2
1044
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com