Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 4 Page - Texas Instruments

  ISO1044B Datasheet HTML 1Page - Texas Instruments ISO1044B Datasheet HTML 2Page - Texas Instruments ISO1044B Datasheet HTML 3Page - Texas Instruments ISO1044B Datasheet HTML 4Page - Texas Instruments ISO1044B Datasheet HTML 5Page - Texas Instruments ISO1044B Datasheet HTML 6Page - Texas Instruments ISO1044B Datasheet HTML 7Page - Texas Instruments ISO1044B Datasheet HTML 8Page - Texas Instruments ISO1044B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VCC1
Supply voltage, side 1
-0.5
6
V
VCC2
Supply voltage, side 2
-0.5
6
V
VIO
Logic input and output voltage range (TXD and
RXD)
-0.5
VCC1+0.5(3)
V
IO
Output current on RXD pin
-15
15
mA
VBUS
Voltage on bus pins (CANH, CANL)
-58
58
V
VBUS_DIFF
Differential voltage on bus pins (CANH-CANL)
-45
45
V
TJ
Junction temperature
-40
150
℃
TSTG
Storage temperature
-65
150
℃
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001
All pins(1)
±4000
V
CANH and CANL to GND2(1)
±10000
V
Electrostatic discharge
Charged device model (CDM), per
JEDEC specification JESD22-C101
All pins(2)
±750
V(IEC_ESD)
IEC 61000-4-2 System Level Electrostatic
discharge (tested directly on device pins
with no external components on PCB) (3)
Powered, CANH, CANL to bus side
ground (GND2)
±8000
V
Unpowered, CANH, CANL to bus side
ground (GND2)
±12000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
External components on bus pins may lead to different results
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC1
Supply Voltage, Side 1, 1.8 V operation
1.71
1.89
V
Supply Voltage, Side 1, 2.5 V, 3.3 V and 5.5 V operation
2.25
5.5
V
VCC2
Supply Voltage, Side 2
4.5
5.5
V
IOH(RXD)
High-Level Output current, VCC1 = 5 V
-4
mA
High-Level Output current, VCC1 = 3.3 V
-2
mA
High-Level Output current, VCC1 = 2.5 V, 1.8 V
-1
mA
IOL(RXD)
Low-level output current, VCC1 = 5 V
4
mA
Low-level output current, VCC1 = 3.3 V
2
mA
Low-level output current, VCC1 = 2.5 V, 1.8 V
1
mA
TA
Operating ambient temperature
-40
125
°C
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com