Electronic Components Datasheet Search
  English  ▼

X  

ISO1044B Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO1044B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044B Datasheet(HTML) 1 Page - Texas Instruments

  ISO1044B Datasheet HTML 1Page - Texas Instruments ISO1044B Datasheet HTML 2Page - Texas Instruments ISO1044B Datasheet HTML 3Page - Texas Instruments ISO1044B Datasheet HTML 4Page - Texas Instruments ISO1044B Datasheet HTML 5Page - Texas Instruments ISO1044B Datasheet HTML 6Page - Texas Instruments ISO1044B Datasheet HTML 7Page - Texas Instruments ISO1044B Datasheet HTML 8Page - Texas Instruments ISO1044B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ISO1044 Isolated CAN FD Transceiver in Small Package
1 Features
• Meets the ISO 11898-2:2016 physical layer
standard
• Supports classic CAN up to 1 Mbps and FD
(flexible data rate) up to 5 Mbps
• Protection features
– DC Bus Fault Protection Voltage: ±58 V
– IEC ESD tolerance on bus pins: ±8 kV
– HBM ESD tolerance on bus pins: ±10 kV
– Driver dominant time out (TXD DTO)
– Undervoltage protection on VCC1 and VCC2
• Common-mode voltage range: ±12 V
• Ideal passive, high impedance bus terminals when
unpowered
• High CMTI: 85 kV/µs minimum
• VCC1 voltage range: 1.71 V to 5.5 V
– Supports 1.8-V, 2.5-V, 3.3-V and 5.0-V logic
interface to the CAN controller
• VCC2 voltage range: 4.5 V to 5.5 V
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge Immunity
– Low Emissions
• Ambient temperature range: –40°C to +125°C
• 8-SOIC package
• Safety-related certifications:
– All certifications planned
– VDE reinforced insulation per DIN VDE V
0884-11:2017-01
– UL 1577 component recognition program
– IEC 60950-1, IEC 62368-1, IEC 61010-1 and
GB 4943.1-2011 certifications
2 Applications
• AC and servo drives
• Solar inverters
• PLC and DCS communication modules
• Elevators and escalators
• Industrial power supplies
• Battery charging and management
3 Description
The ISO1044B device is a galvanically-isolated
controller area network (CAN) transceiver that meets
the specifications of the ISO11898-2 (2016) standard.
The ISO1044B device offers ±58-V DC bus fault
protection and ±12-V common-mode voltage range.
The device supports up to 5-Mbps data rate in CAN
FD mode allowing much faster transfer of payload
compared to classic CAN. This device uses a silicon
dioxide (SiO2) insulation barrier with a withstand
voltage of 3000 VRMS and a working voltage of 450
VRMS. Electromagnetic compatibility has been
significantly enhanced to enable system-level ESD,
EFT, surge, and emissions compliance. Used in
conjunction with isolated power supplies, the device
protects against high voltage, and prevents noise
currents from the bus from entering the local ground.
The ISO1044B device supports a wide ambient
temperature range of –40°C to +125°C. The device is
available in the small SOIC-8 (D) package which
significantly reduces the solution size compared to a
traditional approach using optocouplers to isolate the
CAN transceiver.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
ISO1044B
SOIC (8)
4.90 mm × 3.91 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1
2
4
3
6
5
7
TXD
VCC1
RXD
GND1
CANL
GND2
8
VCC2
MCU
RXD
TXD
VDD
DGND
Digital
Gro und
ISO
Gro und
CAN B us
Gal van ic
Isol atio n B arrier
ISO104 4
CANH
VCC1
VCC2
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
Application Diagram
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: ISO1044
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO1044B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1044B TI1-ISO1044B Datasheet
920Kb / 34P
Isolated CAN FD Transceiver in Small Package
ISO1044BD TI1-ISO1044BD Datasheet
920Kb / 34P
Isolated CAN FD Transceiver in Small Package
ISO1044BDR TI1-ISO1044BDR Datasheet
920Kb / 34P
Isolated CAN FD Transceiver in Small Package
More results

Similar Description - ISO1044B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
NCV7351 ONSEMI-NCV7351_3 Datasheet
115Kb / 13P
High Speed CAN, CAN FD Transceiver
June, 2016 ??Rev. 3
logo
Linear Technology
LTM2889 LINER-LTM2889 Datasheet
998Kb / 30P
Isolated CAN FD 關Module Transceiver and Power
logo
Infineon Technologies A...
TLE9252V INFINEON-TLE9252V Datasheet
1Mb / 50P
High-Speed CAN FD Transceiver
Rev. 1.01 2018-01-09
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
Signal Isolated CAN FD Transceiver
12/2018-Revision 0
logo
Rohm
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
CAN FD Transceiver for Automotive
logo
Texas Instruments
ISO1044 TI1-ISO1044 Datasheet
920Kb / 34P
Isolated CAN FD Transceiver in Small Package
logo
Infineon Technologies A...
TLE9351VSJ INFINEON-TLE9351VSJ Datasheet
973Kb / 32P
High speed CAN FD transceiver
Rev. 1.0 2020-11-06
logo
Analog Devices
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com