Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 2 Page - Texas Instruments

  ISO1050 Datasheet HTML 1Page - Texas Instruments ISO1050 Datasheet HTML 2Page - Texas Instruments ISO1050 Datasheet HTML 3Page - Texas Instruments ISO1050 Datasheet HTML 4Page - Texas Instruments ISO1050 Datasheet HTML 5Page - Texas Instruments ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................5
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................7
6.5 Power Ratings.............................................................7
6.6 Insulation Specifications............................................. 8
6.7 Safety-Related Certifications...................................... 9
6.8 Safety Limiting Values.................................................9
6.9 Electrical Characteristics - DC Specification.............10
6.10 Switching Characteristics........................................12
6.11 Insulation Characteristics Curves............................12
6.12 Typical Characteristics............................................ 13
7 Parameter Measurement Information.......................... 14
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................19
8.4 Device Functional Modes..........................................22
9 Application and Implementation.................................. 24
9.1 Application Information............................................. 24
9.2 Typical Application.................................................... 24
10 Power Supply Recommendations..............................27
10.1 General Recommendations.................................... 27
10.2 Power Supply Discharging......................................27
11 Layout........................................................................... 28
11.1 Layout Guidelines................................................... 28
11.2 Layout Example...................................................... 28
12 Device and Documentation Support..........................29
12.1 Documentation Support.......................................... 29
12.2 Receiving Notification of Documentation Updates..29
12.3 Support Resources................................................. 29
12.4 Trademarks.............................................................29
12.5 Electrostatic Discharge Caution..............................29
12.6 Glossary..................................................................29
13 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (August 2023) to Revision L (October 2023)
Page
• Updated Safety Related Certifications section .................................................................................................. 6
• Updated multiple Specifiaction sections ............................................................................................................ 6
Changes from Revision J (September 2019) to Revision K (August 2023)
Page
• Changed VDE standard name to DIN EN IEC 60747-17 (VDE 0884-17), updated CSA standard to CSA
62368-1 and IEC 62368-1.................................................................................................................................. 1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
Changes from Revision I (September 2014) to Revision J (September 2019)
Page
• Changed VDE standard name From: DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 To: DIN VDE V
0884-11:2017-01 in Section 1 ............................................................................................................................1
• Deleted 'Component Acceptance Notice 5 A' from CSA bullet in Section 1 ......................................................1
• Changed inverting output label From: CANH To: CANL in Figure 7-10 ...........................................................14
• Changed VDE standard name From: DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 To: DIN VDE V
0884-11:2017-01 in INSULATION CHARACTERISTICS table.........................................................................19
• Changed VISO PARAMETER description From: 'ISO1050DUB - Double Protection' To: 'ISO1050DUB - Single
Protection' in INSULATION CHARACTERISTICS table................................................................................... 19
• Updated Regulatory Information in REGULATORY INFORMATION table.......................................................19
• Changed UL 1577 rating for ISO1050DUB From: '2500 VRMS Double Protection' To: '2500 VRMS Single
Protection' in REGULATORY INFORMATION table......................................................................................... 19
• Deleted UL 1577 'Double Protection' rating of 3500 VRMS for ISO1050DW in REGULATORY
INFORMATION table........................................................................................................................................ 19
• Added Section 10.2 section and SN6505 reference to Section 10 ..................................................................27
• Added SN6505x data sheet link to 'Transformer Driver for Isolated Power Supplies' in Section 12.1 section.....
..........................................................................................................................................................................29
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com