Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Typical specifications are at VCC1 = 3.3V, VCC2 = 5V, Min/Max are over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance to ground (CANH or
CANL)
TXD = 3 V, VI = 0.4 sin (4e6pi*t) + 2.5 V
12
pF
CID
Differential input capacitance
TXD = 3 V, VI = 0.4 sin (4e6pi*t)
8
pF
RID
Differential input resistance
TXD = 3 V
40
90
kΩ
RIN
Input resistance (CANH or CANL)
TXD = 3 V
20
45
kΩ
RIN(M)
Input resistance matching: (1 - RIN(CANH)/
RIN(CANL)) x 100%
VCANH = VCANL
-3
3
%
CMTI
Common-mode transient immunity
See Figure 7-13, VI = VCC or 0 V
25
50
kV/us
www.ti.com
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com