Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 20Page - Texas Instruments ISO1050 Datasheet HTML 21Page - Texas Instruments ISO1050 Datasheet HTML 22Page - Texas Instruments ISO1050 Datasheet HTML 23Page - Texas Instruments ISO1050 Datasheet HTML 24Page - Texas Instruments ISO1050 Datasheet HTML 25Page - Texas Instruments ISO1050 Datasheet HTML 26Page - Texas Instruments ISO1050 Datasheet HTML 27Page - Texas Instruments ISO1050 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
ISO1050 can be used with other components from TI such as a microcontroller, a transformer driver, and a linear
voltage regulator to form a fully isolated CAN interface.
9.2 Typical Application
1
2
3
4
5
6
7
8
14
13
12
9,10
IN
EN
GND
NC
OUT
1
3
5
4
2
ISO1050
TPS76350
RXD
VCC1
NC
TXD
GND1
GND1
GND1
NC
NC
CANH
GND2
4
3
2
6
5
1
CANL
NC
11
7
8
16
VCC2
15
RXD
TXD
MCU
Vdd
DGND
PSU
L1
N
PE
3.3V
0V
Protective
Earth
Chasis
Ground
Digital
Ground
ISO
Ground
Optional Bus
protection
function
SN6501
VCC
D2
D1
GND2
GND1
Galvanic
Isolation
Barrier
Figure 9-1. Application Circuit
9.2.1 Design Requirements
Unlike optocoupler-based solution, which needs several external components to improve performance, provide
bias, or limit current, ISO1050 only needs two external bypass capacitors to operate.
9.2.2 Detailed Design Procedure
9.2.2.1 Bus Loading, Length and Number of Nodes
The ISO11898 Standard specifies a maximum bus length of 40 m and maximum stub length of 0.3 m with a
maximum of 30 nodes. However, with careful design, users can have longer cables, longer stub lengths, and
many more nodes to a bus. A high number of nodes requires a transceiver with high input impedance such as
the ISO1050.
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com