Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
6.9 Electrical Characteristics - DC Specification
Typical specifications are at VCC1 = 3.3V, VCC2 = 5V, Min/Max are over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
ICC1
Supply current Side 1
VI = 0 V or VCC1, VCC1 = 3.3 V
1.8
3.6
mA
ICC1
Supply current Side 1
VI = 0 V or VCC1, VCC1 = 5.0 V
2.3
3.6
mA
ICC2
Supply current Side 2
VI = 0 V, bus dominant, RL = 60 Ω
52
73
mA
ICC2
Supply current Side 2
VI = VCC1
8
12
mA
DRIVER ELECTRICAL CHARACTERISTICS
VO(DOM)
Bus output voltage(Dominant), CANH
See Figure 7-1 and Figure 7-2, VI = 0 V,
RL = 60 Ω
2.9
3.5
4.5
V
Bus output voltage(Dominant), CANL
See Figure 7-1 and Figure 7-2, VI = 0 V,
RL = 60 Ω
0.8
1.2
1.78
V
VO(REC)
Bus output voltage(recessive), CANH and
CANL
See Figure 7-1 and Figure 7-2, VI = 2 V,
RL = 60 Ω
2.0
2.3
3.0
V
VOD(DOM) Differential output voltage(dominant)
See Figure 7-1 and Figure 7-2, VI = 0 V,
RL = 60 Ω
1.5
3.0
V
See Figure 7-1 and Figure 7-2, VI = 0 V,
RL = 45 Ω, VCC > 4.8 V
1.4
3.0
V
VOD(REC) Differential output voltage(recessive)
See Figure 7-1 and Figure 7-2, VI = 3 V,
RL = 60 Ω
-120.0
12.0
mV
VI = 3 V, No Load
-500.0
50.0
mV
VOC(DOM)
Common-mode output voltage
(Dominant)
See Figure 7-8
2
2.3
3.0
V
VOC(pp)
Peak-to-peak common-mode output
voltage
See Figure 7-8
0.3
V
IIH
High level input leakage current
VI = 2 V
5
uA
IIL
Low level input leakage current
VI = 0.8 V
-5
uA
IO(off)
Power-off TXD leakage current
VCC1, VCC2 at 0 V, TXD = 5 V
10
uA
IOS(ss)
Short circuit current steady state output
current, dominant
See Figure 7-11, CANH = –12 V, CANL
Open
-105
-72
mA
See Figure 7-11, VCANH = 12 V, CANL
Open
0.36
6.2
mA
See Figure 7-11, VCANL =–12 V, CANH
Open
-1
-0.5
mA
See Figure 7-11, VCANL = 12 V, CANH
Open
71
105
mA
CMTI
Common-mode transient immunity
See Figure 7-13, VI = VCC or 0 V
25
50
kV/us
RECEIVER ELECTRICAL CHARACTERISTICS
VIT+
Positive-going bus input threshold voltage
See Table 1
750
900.0
mV
VIT-
Negative-going bus input threshold
voltage
500.0
650
mV
VHYS
Hysteresis voltage for differential input
threshold
150
mV
VOH
High level output voltage with Vcc = 5 V
IO = -4 mA, See Figure 7-6
Vcc - 0.8
4.6
V
IO = -20 uA, See Figure 7-6
Vcc - 0.1
5
V
VOH
High level output voltage with Vcc1 = 3.3
V
IO = 4 mA, See Figure 7-6
Vcc - 0.8
3.1
V
IO = 20 uA, See Figure 7-6
Vcc - 0.1
3.3
V
VOL
Low level output voltage
IO = 4 mA, See Figure 7-6
0.2
0.4
V
IO = 20 uA, See Figure 7-6
0
0.1
V
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com