Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 39 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 34Page - Texas Instruments ISO1050 Datasheet HTML 35Page - Texas Instruments ISO1050 Datasheet HTML 36Page - Texas Instruments ISO1050 Datasheet HTML 37Page - Texas Instruments ISO1050 Datasheet HTML 38Page - Texas Instruments ISO1050 Datasheet HTML 39Page - Texas Instruments ISO1050 Datasheet HTML 40Page - Texas Instruments ISO1050 Datasheet HTML 41Page - Texas Instruments ISO1050 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.1)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
8X (0.65)
8X (2.35)
8X (0.65)
6X (2.54)
(R0.05)
TYP
8X (2.35)
6X (2.54)
(9.45)
(R0.05)
TYP
4222355/G 04/2019
SOP - 4.85 mm max height
DUB0008A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLES
EXPOSED METAL SHOWN
SCALE:5X
1
4
5
8
IPC-7351 NOMINAL
6.75 mm CLEARANCE/CREEPAGE
NOTES: (continued)
4. Publication IPC-7351 may have alternate designs.
5. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
NOT TO SCALE
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL
1
4
5
8
SYMM
SYMM
HV / ISOLATION OPTION
7.1 mm CLEARANCE/CREEPAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com