Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 2 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 2 Page - Texas Instruments

  INA296A Datasheet HTML 1Page - Texas Instruments INA296A Datasheet HTML 2Page - Texas Instruments INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 2
5 Pin Configuration and Functions...................................2
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 8
7 Detailed Description......................................................16
7.1 Overview................................................................... 16
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................17
8 Application and Implementation.................................. 22
8.1 Application Information............................................. 22
8.2 Typical Application.................................................... 23
8.3 Power Supply Recommendations.............................25
8.4 Layout....................................................................... 25
9 Device and Documentation Support............................27
9.1 Documentation Support............................................ 27
9.2 Receiving Notification of Documentation Updates....27
9.3 Support Resources................................................... 27
9.4 Trademarks...............................................................27
9.5 Electrostatic Discharge Caution................................27
9.6 Glossary....................................................................27
10 Revision History.......................................................... 27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Device Comparison
Table 4-1. Device Comparison
DEVICE NAME
GAIN
INA296A1-Q1, 1INA296B1-Q1
10V/V
INA296A2-Q1, 1INA296B2-Q1
20V/V
INA296A3-Q1, 1INA296B3-Q1
50V/V
INA296A4-Q1, 1INA296B4-Q1
100V/V
INA296A5-Q1, 1INA296B5-Q1
200V/V
5 Pin Configuration and Functions
1
IN±
8
IN+
2
GND
7
REF1
3
REF2
6
Vs
4
NC
5
OUT
Not to scale
Figure 5-1. INA296x-Q1 : DDF Package 8-Pin
SOT-23 Top View
1
IN±
8
IN+
2
GND
7
REF1
3
REF2
6
Vs
4
NC
5
OUT
Not to scale
Figure 5-2. INA296x-Q1 : D and DGK Package 8-Pin
SOIC and 8-Pin VSSOP Top View
Table 5-1. Pin Functions: D, DDF and DGK Packages
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Ground
Ground.
IN+
8
Input
Current-sense amplifier positive input. For high-side applications, connect to bus-voltage
side of sense resistor. For low-side applications, connect to load side of sense resistor.
IN–
1
Input
Current-sense amplifier negative input. For high-side applications, connect to load side of
sense resistor. For low-side applications, connect to ground side of sense resistor.
NC
4
Ground
Reserved. Connect to ground.
OUT
5
Output
Output voltage.
INA296A-Q1, INA296B-Q1
SBOSA32D – FEBRUARY 2023 – REVISED JUNE 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com