Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 13 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments INA296A Datasheet HTML 12Page - Texas Instruments INA296A Datasheet HTML 13Page - Texas Instruments INA296A Datasheet HTML 14Page - Texas Instruments INA296A Datasheet HTML 15Page - Texas Instruments INA296A Datasheet HTML 16Page - Texas Instruments INA296A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-0.4
-0.3
-0.2
-0.1
0
VS = 2.7V
VS = 5V
VS = 20V
RL = 10kΩ to GND
.
Figure 6-25. Swing to Supply vs Temperature
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
VS = 20V
VS = 5V
VS = 2.7V
VREF1 = VREF2 = 0V,
VSENSE = 0V
RL = 10kΩ to GND
Figure 6-26. Swing to GND vs Temperature
Frequency (Hz)
10
20
30
40
50
60
70
80
100
1
10
100
1k
10k
100k
1M
10M
G = 10
G = 20
G = 50
G = 100
G = 200
Figure 6-27. Input Referred Noise vs Frequency
Time (1 s/div)
Figure 6-28. 0.1Hz to 10Hz Voltage Noise
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
5
10
15
20
25
30
35
40
VS = 20V, Sinking
VS = 20V, Sourcing
VS = 5V, Sinking
VS = 5V, Sourcing
VS = 2.7V, Sinking
VS = 2.7V, Sourcing
.
Figure 6-29. Short-Circuit Current vs Temperature
VSENSE = 0V
Figure 6-30. Quiescent Current vs Temperature
www.ti.com
INA296A-Q1, INA296B-Q1
SBOSA32D – FEBRUARY 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com