Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 21 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA296A Datasheet HTML 17Page - Texas Instruments INA296A Datasheet HTML 18Page - Texas Instruments INA296A Datasheet HTML 19Page - Texas Instruments INA296A Datasheet HTML 20Page - Texas Instruments INA296A Datasheet HTML 21Page - Texas Instruments INA296A Datasheet HTML 22Page - Texas Instruments INA296A Datasheet HTML 23Page - Texas Instruments INA296A Datasheet HTML 24Page - Texas Instruments INA296A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
+
–
IN+
IN–
REF2
REF1
VS
GND
OUT
VS
TO ADC
R1
R2
Op Amp
Figure 7-8. Setting the Reference Using a Resistor Divider and an Op Amp Buffer
www.ti.com
INA296A-Q1, INA296B-Q1
SBOSA32D – FEBRUARY 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com