Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 34 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA296A Datasheet HTML 30Page - Texas Instruments INA296A Datasheet HTML 31Page - Texas Instruments INA296A Datasheet HTML 32Page - Texas Instruments INA296A Datasheet HTML 33Page - Texas Instruments INA296A Datasheet HTML 34Page - Texas Instruments INA296A Datasheet HTML 35Page - Texas Instruments INA296A Datasheet HTML 36Page - Texas Instruments INA296A Datasheet HTML 37Page - Texas Instruments INA296A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Aug-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
INA296A4QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296A4QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296A4QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296A5QDDFRQ1
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA296A5QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296A5QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296A5QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296B1QDDFRQ1
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA296B1QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B1QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B1QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296B2QDDFRQ1
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA296B2QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B2QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B2QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296B3EDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296B3QDDFRQ1
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA296B3QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B3QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B3QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296B4QDDFRQ1
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA296B4QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B4QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B4QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
INA296B5QDDFRQ1
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA296B5QDGKRQ1
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B5QDGSRQ1
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
INA296B5QDRQ1
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com