Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 12 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments INA296A Datasheet HTML 12Page - Texas Instruments INA296A Datasheet HTML 13Page - Texas Instruments INA296A Datasheet HTML 14Page - Texas Instruments INA296A Datasheet HTML 15Page - Texas Instruments INA296A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
VSENSE (mV)
-100
-75
-50
-25
0
25
50
75
100
-24
-12
0
12
24
36
48
60
72
84
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
.
Figure 6-21. INA296 x5-Q1 Input Bias Current vs VSENSE
Output Current (mA)
0
2.5
5
7.5
10
VS
VS - 0.3
VS - 0.6
GND
GND + 0.3
GND + 0.6
VS - 0.9
VS - 1.2
GND + 0.9
GND + 1.2
125 C
25 C
-40 C
VS = 2.7V
Figure 6-22. Output Voltage vs Output Current
VS = 5V to 20V
Figure 6-23. Output Voltage vs Output Current
Frequency (Hz)
0.01
0.1
1
10
100
200
10
100
1k
10k
100k
1M
10M
.
Figure 6-24. Output Impedance vs Frequency
INA296A-Q1, INA296B-Q1
SBOSA32D – FEBRUARY 2023 – REVISED JUNE 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com