Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 24 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA296A Datasheet HTML 20Page - Texas Instruments INA296A Datasheet HTML 21Page - Texas Instruments INA296A Datasheet HTML 22Page - Texas Instruments INA296A Datasheet HTML 23Page - Texas Instruments INA296A Datasheet HTML 24Page - Texas Instruments INA296A Datasheet HTML 25Page - Texas Instruments INA296A Datasheet HTML 26Page - Texas Instruments INA296A Datasheet HTML 27Page - Texas Instruments INA296A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
8.2.1 Current Sensing in a Solenoid Application
22V
INA
OUT
IN+
IN–
V
S
GND
REF2
REF1
5V
50m
Control
Figure 8-1. Solenoid Drive Application Circuit
8.2.1.1 Design Requirements
In this example application, the common-mode voltage ranges from 0V to 22V. The maximum sense current
is 1.25A, and a 5V supply is available for the INA296x-Q1 . Following the design guidelines from RSENSE and
Device Gain Selection, a RSENSE of 50mΩ and a gain of 20V/V are selected to provide good output dynamic
range. Table 8-2 lists the design setup for this application.
Table 8-2. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Power supply voltage
5V
Common mode voltage range
0V to 22V
Maximum sense current
1.25A
RSENSE resistor
50mΩ
Gain option
20V/V
8.2.1.2 Detailed Design Procedure
The INA296x-Q1 is designed to measure current in a typical solenoid application. The INA296x-Q1 measures
current across the 50mΩ shunt that is placed at the output in series with solenoid. The INA296x-Q1 measures
the differential voltage across the shunt resistor, and the signal is internally amplified with a gain of 20V/V. The
output of the INA296x-Q1 is connected to the analog-to-digital converter (ADC) of an MCU to digitize the current
measurements.
Solenoid loads are highly inductive and are often prone to failure. Solenoids are often used for position control,
precise fluid control, and fluid regulation. Measuring real-time current on the solenoid continuously can indicate
premature failure of the solenoid, which can lead to a faulty control loop in the system. Measuring high-side
current also indicates if there are any ground faults on the solenoid or the FETs that can be damaged in
an application. The INA296x-Q1 , with high bandwidth and slew rate, can be used to detect fast overcurrent
conditions to prevent the solenoid damage from short-to-ground faults.
8.2.1.3 Application Curve
Figure 8-2 shows the output response of a solenoid.
INA296A-Q1, INA296B-Q1
SBOSA32D – FEBRUARY 2023 – REVISED JUNE 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com