Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 4 Page - Texas Instruments

Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA296A Datasheet(HTML) 4 Page - Texas Instruments

  INA296A Datasheet HTML 1Page - Texas Instruments INA296A Datasheet HTML 2Page - Texas Instruments INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
(VS)
22
V
Analog inputs,
VIN+, VIN- (2)
Differential (VIN+) − (VIN-)
−30
30
V
Common-mode
−20
120
V
REF1, REF2,
NC inputs
GND − 0.3
VS + 0.3
V
Output
GND – 0.3
Vs + 0.3
V
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not
imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating
Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be
fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
HBM ESD classification level 2
±2000
V
Charged device model (CDM), per AEC Q100-011
CDM ESD classification level C6
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range
−5
48
110
V
VS
Operating supply range
2.7
5
20
V
TA
Ambient temperature
–40
125
°C
TA
Ambient temperature, INA296B3EDRQ1
–40
150
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA296x-Q1
UNIT
DDF (SOT23)
DGK (VSSOP)
D (SOIC)
DGS (VSSOP)
8 PINS
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
129.7
167.2
122.9
143.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58
58.9
54.7
49.2
°C/W
RθJB
Junction-to-board thermal resistance
52.6
88.9
68.8
80
°C/W
ΨJT
Junction-to-top characterization parameter
2.3
8.1
12.2
2.6
°C/W
INA296A-Q1, INA296B-Q1
SBOSA32D – FEBRUARY 2023 – REVISED JUNE 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com