Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 3 Page - Texas Instruments

  LP3947 Datasheet HTML 1Page - Texas Instruments LP3947 Datasheet HTML 2Page - Texas Instruments LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Charger
control
TS
CHG-IN
EN
SCL
SDA
Mode
+
-
RSENSE
Vref
+
-
-
+
+
-
ISEL
CHG
BATT
Diff Amp
VT
EOC
I
2
C and Digital
ON/OFF
Control
LED
Driver
Power
FET
Control
LDO
Mode
UTLO
OTLO
LDO
Error
Amp
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
LP3947 FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1) (2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Semiconductor Sales Office/
Distributors for availability and specifications.
CHG-IN
−0.3V to +6.5V
All pins except GND and CHG-IN (3)
−0.3V to +6V
Junction Temperature
150°C
Storage Temperature
−40°C to +150°C
Power Dissipation (4)
1.89W
ESD (5)
Human Body Model
2 kV
Machine Model
200V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply verified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(3)
Caution must be taken to avoid raising pins EN and VT 0.3V higher than VCHG-IN and raising pins ISEL, MODE, SCL and SDA 0.3V
higher than VBATT.
(4)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula
MM P = (TJ – TA)θJA,
where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 1.89W
rating appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature, 150°C, for TJ,
80°C for TA, and 37°C/W for θJA. More power can be dissipated safely at ambient temperatures below 80°C. Less power can be
dissipated safely at ambient temperatures above 80°C. The Absolute Maximum power dissipation can be increased by 27 mW for each
degree below 80°C, and it must be de-rated by 27 mW for each degree above 80°C.
(5)
The human-body model is used. The human-body model is 100 pF discharged through 1.5 k
Ω.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com